Part Number Hot Search : 
N6113 C1207 LRS1338A AT45DB01 C1165 300102 IRF7805 2N5425
Product Description
Full Text Search
 

To Download PG12GXTS6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2003. 7. 10 1/2 semiconductor technical data PG12GXTS6 tvs diode array for esd protection in portable electronics revision no : 0 protection in portable electronics applications.features 350 watts peak pulse power (tp=8/20 s) transient protection for data lines to iec 61000-4-2(esd) 15kv(air), 8kv(contact) iec 61000-4-4(eft) 40a(tp=5/50ns) iec 61000-4-5(lightning) 15a(tp=8/20 s) unidirectional protection of five i/o lines. low clamping voltage. low operating and leakage current. small package for use in portable electronics. applications cell phone handsets and accessories. cordless phones. personal digital assistants (pdas) notebooks, desktops pc & servers. portable instrumentation. set-top bosx, dvd player. digital camera. maximum rating (ta=25 ) dim millimeters a b d e ts6 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 c f gh i j k 0.60 l 0.55 a f g g d k k b e c l h j j i 23 5 16 4 + _ + _ + _ + _ + _ 1. (tvs) d12. common anode 3. (tvs) d2 4. (tvs) d3 5. (tvs) d4 6. (tvs) d5 electrical characteristics (ta=25 ) characteristic symbol rating unit peak pulse power (tp=8/20 s) p pk 350 w peak pulse current (tp=8/20 s) i pp 15 a operating temperature t j -55 150 storage temperature t stg -55 150 characteristic symbol test condition min. typ. max. unit reverse stand-off voltage v rwm - - - 12 v reverse breakdown voltage v br i t =1ma 13.3 - - v reverse leakage current i r v rwm =12v - - 1 a clamping voltage v c i pp =5a, tp=8/20 s - - 19 v i pp =15a, tp=8/20 s - - 23 junction capacitance c j v r =0v, f=1mhz between i/o pins and gnd - 135 150 pf marking 2gx 123 4 65 123 4 5 6 d5 d3 d1 d2 d4 lot no. downloaded from: http:///
2003. 7. 10 2/2 PG12GXTS6 revision no : 0 non-repetitive peak pulse power vs. pulse time pulse duration tp ( s) 0.1 1 100 10 pk peak pulse power p (kw) 1k 0.01 0.1 1 10 peak pulse power 8/20us average power waveformparameters : tr=8 s e -t td=20 s td=lpp/2 pp rated power or i (%) 0 pp 110 70 50 25 0 ambient temperature ta ( c) power deration curve 75 100 125 150 10 20 30 40 80 9050 100 60 peak pulse current i (%) 0 pp 110 70 10 5 0 time ( s) pulse waveform 15 20 25 30 10 20 30 40 80 9050 100 60 waveformparameters : tr=8 s td=20 s PG12GXTS6 clamping voltage v (v) 0 c 4530 10 5 0 peak pulse current i (a) clamping voltage vs. peak pulse current 15 20 25 30 5 10 15 3520 4025 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of PG12GXTS6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X